Part Number Hot Search : 
F10JZ47 CMMR110 NV23K PZU11B1 TL072CD WFP10N60 STC403F BAS70
Product Description
Full Text Search
 

To Download MJE13005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MJE13004/13005
MJE13004/13005
High Voltage Switch Mode Application
* High Speed Switching * Suitable for Switching Regulator and Motor Control
1
TO-220 2.Collector 3.Emitter
1.Base
NPN Silicon Transistor
Absolute Maximum Ratings TC=25C unless otherwise noted
Symbol VCBO Parameter Collector-Base Voltage : MJE13004 : MJE13005 VCEO Collector-Emitter Voltage : MJE13004 : MJE13005 VEBO IC ICP IB PC TJ TSTG Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Base Current Collector Dissipation (TC=25C) Junction Temperature Storage Temperature 300 400 9 4 8 2 75 150 - 65 ~ 150 600 700 Value Units V V V V V A A A W C C
Electrical Characteristics TC=25C unless otherwise noted
Symbol BVCEO(sus) Parameter Collector-Emitter Sustaining Voltage : MJE13004 : MJE13005 Emitter Cut-off Current *DC Current Gain *Collector-Emitter Saturation Voltage Test Condition IC = 10mA, IB = 0 VEB = 9V, IC = 0 VCE = 5V, IC = 1A VCE = 5V, IC = 2A IC = 1A, IB = 0.2A IC = 2A, IB = 0.5A IC = 4A, IB = 1A IC = 1A, IB = 0.2A IC = 2A, IB = 0.5A VCB = 10V, f = 0.1MHz VCE = 10V, IC = 0.5A VCC = 125V, IC = 2A IB1 = - IB2 = 0.4A RL = 62.5 4 0.8 4 0.9 65 10 8 Min. 300 400 1 60 40 0.5 0.6 1 1.2 1.6 V V V V V pF MHz s s s Typ. Max. Units V V mA
IEBO hFE VCE(sat)
VBE (sat) Cob fT tON tSTG tF
*Base-Emitter Saturation Voltage Output Capacitance Current Gain Bandwidth Product Turn ON Time Storage Time Fall Time
* Pulse test: PW300s, Duty cycle2% Pulse
(c)2001 Fairchild Semiconductor Corporation
Rev. A1, February 2001
MJE13004/13005
Typical Characteristics
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
100
10
VCE = 5V
IC = 4 IB
hFE, DC CURRENT GAIN
1
V BE(sat)
10
0.1
VCE(sat)
1 0.01
0.1
1
10
0.01 0.01
0.1
1
10
IC[A], COLLECTOR CURRENT
IC[A], COLLECTOR CURRENT
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
1000
10
V CC=125V IC=5IB Ib1= - IB2
Cob[pF], CAPACITANCE
tR, tD [s], TURN ON TIME
100
1
tr
0.1
10
tD, VBE(off)=5V
1 0.1
1
10
100
1000
0.01 0.01
0.1
1
10
VCB[V], COLLECTOR-BASE VOLTAGE
IC[A], COLLECTOR CURRENT
Figure 3. Collector Output Capacitance
Figure 4. Turn On Time
10
10
tSTG, tF [s], TURN OFF TIME
tSTG
VCC=125V IC=5IB
IC[A], COLLECTOR CURRENT
50
DC
1
0
s 5m
s
s 1m
1
0.1
tF
MJE13004
1 10 100
0.1 0.01
0.01 0.1 1 10
MJE13005
1000
IC[A], COLLECTOR CURRENT
VCE [V], COLLECTOR-EMITTER VOLTAGE
Figure 5. Turn Off Time
Figure 6. Safe Operating Area
(c)2001 Fairchild Semiconductor Corporation
Rev. A1, February 2001
MJE13004/13005
Typical Characteristics (Continued)
100 90
PC[W], POWER DISSIPATION
80 70 60 50 40 30 20 10 0 0 25 50
o
75
100
125
150
175
Tc[ C], CASE TEMPERATURE
Figure 7. Power Derating
(c)2001 Fairchild Semiconductor Corporation
Rev. A1, February 2001
MJE13004/13005
Package Demensions
TO-220
9.90 0.20
1.30 0.10 2.80 0.10
4.50 0.20
(8.70) o3.60 0.10
(1.70)
1.30 -0.05
+0.10
9.20 0.20
(1.46)
13.08 0.20
(1.00)
(3.00)
15.90 0.20
1.27 0.10
1.52 0.10
0.80 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20]
10.08 0.30
18.95MAX.
(3.70)
(45 )
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20
Dimensions in Millimeters
(c)2001 Fairchild Semiconductor Corporation Rev. A1, February 2001
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST(R)
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM
PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM LILENT SWITCHER(R) SMART STARTTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM VCXTM UHCTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR INTERNATIONAL. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2001 Fairchild Semiconductor Corporation
Rev. G


▲Up To Search▲   

 
Price & Availability of MJE13005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X